PART |
Description |
Maker |
HCTS4002MS FN3075 HCTS4002D HCTS4002DMSR HCTS4002H |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Input NOR Gate HCT SERIES, DUAL 4-INPUT NOR GATE, CDIP14 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 HCT SERIES, DUAL 4-INPUT NOR GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
74LVC2G00GF 74LVC2G00GD 74LVC2G00DP |
Dual 2-input NAND gate LVC/LCX/Z SERIES, DUAL 2-INPUT NAND GATE, PDSO8 Dual 2-input NAND gate 输入与非
|
NXP Semiconductors N.V.
|
MC1688 1688 MC12015DR2 MC10100FN MC10100FNR2 MC10H |
Slim Power Relay, 1 Form C, 6A 250VAC, Silver Alloy Contact Dual 4-5 Input OR/NOR Gate DUAL 4-5-INPUT OR/NOR GATE
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
HD74279P HD74S135P HD7409P HD7438P HD7420P HD7475P |
S-R-Type Latch Quad 2-input XOR/XNOR Gate Quad 2-input AND Gate Quad 2-input NAND Gate Dual 4-input NAND Gate 4-Bit D-Type Latch Magnitude Comparator Dual 4-input NOR Gate Hex Buffer J-K-Type Flip-Flop Excess-3-To-Decimal Decoder TTL HD74/74S Series TTL HD74/HD74S Series Straight Lever 十六进制逆变 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Asynchronous Up Counter 异步设立摊位
|
Hitachi,Ltd. Fairchild Semiconductor, Corp.
|
74AUP2G38 74AUP2G38DC 74AUP2G38GM 74AUP2G38GT 74AU |
Low-power dual 2-input NAND gate (open-drain) Low-power dual 2-input NAND gate; open drain; Package: SOT765-1 (VSSOP8); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL 2-INPUT NAND GATE, PDSO8
|
Philips Semiconductors NXP Semiconductors N.V.
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC14072B MC14075B MC14078B MC14068B MC14002B MC140 |
Quad 4-input NOR gate From old datasheet system 8-nput NOR Gate Dual 4-nput NOR Gate Triple 3-nput NOR Gate Quad 2-nput NOR Gate B-Suffix Series CMOS Gates 后缀系列CMOS 4000/14000/40000 SERIES, QUAD 2-INPUT OR GATE, CDIP14
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
M74HC30B1R M74HC30 M74HC30RM13TR M74HC30TTR M74HC3 |
8 INPUT NAND GATE 8-INPUT NAND GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Q temp available 8-SOIC
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
KIC7WZ02FK |
Dual 2 Input NOR Gate SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE) 硅单片CMOS数字集成电路输入或非门)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
GD4001B |
(GD4001B / GD4002B) Quad 2-Input NOR Gate / Dual 4-Input NOR Gate
|
Hynix Semiconductor
|